PART |
Description |
Maker |
MCP9803T-M_SNG AMCP9800A0-M_MSG AMCP9800A0-M_OTG A |
The MCP9800 is a digital temperature sensor capable of reading temperatures from -55°C to 125°C. Temperature data is measured ... The MCP9801 is a digital temperature sensor capable of reading temperatures from -55°C to 125°C. Temperature data is measured ... The MCP9802 is a digital temperature sensor capable of reading temperatures from -55°C to 125°C. Temperature data is measured ... The MCP9803 is a digital temperature sensor capable of reading temperatures from -55°C to 125°C. Temperature data is measured ... 2-Wire High-Accuracy Temperature Sensor
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
AD7314 7314 AD7314ARM |
Complete Temperature Monitoring System in an 8-Pin SOIC Package Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead SOIC Low-Voltage 10-Bit Digital Temperature Sensor in 8-Lead uSOIC Low-Voltage/ 10-Bit Digital Temperature Sensor in 8-Lead uSOIC Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
|
AD[Analog Devices]
|
EMC1023 EMC1023-2-ACZL-TR EMC1023-1-ACZL-TR EMC102 |
DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, SQUARE, SURFACE MOUNT 3 X 3 MM, 0.65 MM PITCH, MSOP-8 1°C Triple Temperature Sensor with Resistance Error Correction 1∑C Triple Temperature Sensor with Resistance Error Correction 1?? Triple Temperature Sensor with Resistance Error Correction
|
SMSC, Corp. SMSC[SMSC Corporation]
|
SA56004XDP SA56004AD SA56004ADP SA56004BD SA56004B |
SA56004X; /-1 Cel accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms 1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
|
PHILIPS[Philips Semiconductors]
|
FM75 FM75MM8X FM75M8 FM75M8X FM75MM8 |
Low-Voltage Digital I2C compatible Temp Sensor fro LM75 applications Low Voltage 2-Wire Digital Temperature Sensor with Thermal Alarm
|
Fairchild Semiconductor Corporation
|
AD7417ARUZ |
Temperature Sensor: 4-Channel 10-Bit ADC with on-Chip Temperature to Digital Converter I
|
Analog Devices
|
ADT7302ARMZ ADT7302ARMZ-REEL7 ADT7302ART-500RL7 AD |
±2°C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 【2∑C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 ±2°C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
|
AD[Analog Devices]
|
ADT7420 ADT7420UCPZ ADT7420UCPZ-R2 ADT7420UCPZ-RL7 |
±0.25°C Accurate, 16-Bit Digital I2C Temperature Sensor 隆戮0.25隆?C Accurate, 16-Bit Digital I2C Temperature Sensor
|
Analog Devices
|
AD7416AR-REEL7 |
Temperature Sensor: Temperature to Digital Converter I
|
Analog Devices
|
AD7414ARMZ-0REEL7 AD7414ARTZ-0500RL7 AD7415ARTZ-1R |
DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, SQUARE, SURFACE MOUNT MO-187AA, MSOP-8 DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT PLASTIC, MO-178AB, SOT-23, 6 PIN DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT PLASTIC, MO-178AA, SOT-23, 5 PIN ??.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23 0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
|
Analog Devices, Inc. ANALOG DEVICES INC
|